Part Number Hot Search : 
TLP3120 FZE1658G KBPC6 CPCBA NT7305 MAX4739 RT3U11M LTC691
Product Description
Full Text Search
 

To Download AD7357 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  differential input, dual, simultaneous sampling, 4.2 msps, 14-bit, sar adc preliminary technical data AD7357 rev. prf information furnished by analog devices is believed to be accurate and reliable. however, no responsibility is assumed by analog devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. specifications subject to change without notice. no license is granted by implication or otherwise under any patent or patent rights of analog devices. trademarks and registered trademarks are the property of their respective owners. one technology way, p.o. box 9106, norwood, ma 02062-9106, u.s.a. tel: 781.329.4700 www.analog.com fax: 781.461.3113 ?2008 analog devices, inc. all rights reserved. features dual 14-bit sar adc simultaneous sampling throughput rate: 4.2 msps per channel specified for v dd of 2.5 v power dissipation: 35 mw at 4.2 msps on-chip reference: 2.048 v 0.25%, 6 ppm/c dual conversion with read high speed serial interface spi-/qspi-/microwire-/dsp-compatible ? 40c to +125c operation shutdown mode: 10 a maximum 16-lead tssop package functional block diagram sclk AD7357 14-bit successive approximation adc 14-bit successive approximation adc control logic sdata a cs sdata b dgnd refgnd agnd v drive v dd agnd t/h t/h buf buf ref v ina+ v ina? ref a v inb+ v inb? ref b 0 7757-001 figure 1. general description the AD7357 1 is a dual, 14-bit, high speed, low power, successive approximation analog-to-digital converter (adc) that operates from a single 2.5 v power supply and features throughput rates up to 4.2 msps. the part contains two adcs, each preceded by a low noise, wide bandwidth track-and-hold circuit that can handle input frequencies in excess of 110 mhz. the conversion process and data acquisition use standard control inputs allowing for easy interfacing to microprocessors or dsps. the input signal is sampled on the falling edge of cs ; conversion is also initiated at this point. the conversion time is determined by the sclk frequency. the AD7357 uses advanced design techniques to achieve very low power dissipation at high throughput rates. with 2.5 v supply and a 4.2 msps throughput rate, the part consumes 14 ma typically. the part also offers flexible power/throughput rate management options. the analog input range for the part is the differential common mode +/- v ref /2. the AD7357 has an on-chip 2.048 v reference that can be overdriven when an external reference is preferred. the AD7357 is available in a 16-lead thin shrink small outline package (tssop). product highlights 1. two complete adc functions. these functions allow simultaneous sampling and conversion of two channels. the conversion result of both channels is simultaneously available on separate data lines or in succession on one data line if only one serial port is available. 2. high throughput with low power consumption. the AD7357 offers a 4.2 msps throughput rate with 35 mw power consumption. 3. simultaneous sampling. the part features two standard successive approximation adcs with accurate control of the sampling instant via a cs input and once off conversion control. table 1. related devices generic resolution throughput analog input ad7356 12-bit 5 msps differential ad7352 12-bit 3 msps differential ad7266 12-bit 2 msps differential/single-ended ad7866 12-bit 1 msps single-ended ad7366 12-bit 1 msps single-ended bipolar ad7367 14-bit 1 msps single-ended bipolar 1 protected by u.s. patent no. 6,681,332.
AD7357 preliminary technical data rev. prf | page 2 of 20 table of contents features .............................................................................................. 1 ? functional block diagram .............................................................. 1 ? general description ......................................................................... 1 ? product highlights ........................................................................... 1 ? revision history ............................................................................... 2 ? specifications..................................................................................... 3 ? timing specifications .................................................................. 5 ? absolute maximum ratings............................................................ 6 ? esd caution.................................................................................. 6 ? pin configuration and function descriptions............................. 7 ? typical performance characteristics ............................................. 8 ? terminology .................................................................................... 10 ? theory of operation ...................................................................... 12 ? circuit information.................................................................... 12 ? converter operation.................................................................. 12 ? analog input structure.............................................................. 12 ? analog inputs ............................................................................. 13 ? driving differential inputs ....................................................... 13 ? adc transfer function............................................................. 14 ? modes of operation ....................................................................... 15 ? normal mode.............................................................................. 15 ? partial power-down mode ....................................................... 15 ? full power-down mode ............................................................ 16 ? power-up times......................................................................... 17 ? power vs. throughput rate....................................................... 17 ? serial interface ................................................................................ 18 ? application hints ........................................................................... 19 ? grounding and layout .............................................................. 19 ? evaluating the AD7357 performance ...................................... 19 ? outline dimensions ....................................................................... 20 ? ordering guide .......................................................................... 20 ? revision history 11/08revision prf
preliminary technical data AD7357 rev. prf | page 3 of 20 specifications v dd = 2.5 10% v, v drive = 2.25 v to 3.6 v, internal reference = 2.048 v, f sclk = 80 mhz, f sample = 4.2 msps; t a = t min to t max 1 , unless otherwise noted. table 2. parameter min typ max unit test conditions/comments dynamic performance f in = 1 mhz sine wave signal-to-noise ratio (snr) 78 db signal-to-noise and distortion (sinad) 77 db total harmonic distortion (thd) tbd db spurious free dynamic range (sfdr) tbd db intermodulation distortion (imd) fa = 1 mhz + 50 khz, fb = 1 mhz C 50 khz second-order terms ?84 db third-order terms ?76 db adc-to-adc isolation ?100 db f in = 1 mhz, f noise = 100 khz to 2.5 mhz cmrr ?100 db f noise = 100 khz to 2.5 mhz sample and hold aperture delay 3.5 ns aperture delay match 40 ps aperture jitter 16 ps full power bandwidth 110 mhz @ 3 db 77 mhz @ 0.1 db dc accuracy resolution 14 bits integral nonlinearity 2 lsb differential nonlinearity 0.99 lsb guaranteed no missed codes to 14 bits positive full-scale error 10 lsb positive full-scale error match 1 6 lsb midscale error 10 lsb midscale error match 1 6 lsb negative full-scale error 10 lsb negative full-scale error match 1 6 lsb analog input fully differential input range (v in+ and v in? ) v cm v ref /2 v v cm = common-mode voltage, v in+ and v in? must remain within gnd and v dd common-mode voltage range 0.5 1.9 v the voltage around which v in+ and v in? are centered dc leakage current 0.5 5 a input capacitance 32 pf when in track mode 8 pf when in hold mode reference input/output v ref input voltage range 2.048 + 0.1 v dd v v ref input current 0.3 0.45 ma when in reference overdrive mode v ref output voltage 2.038 2.058 v 2.048 v 0.5% max @ v dd = 2.5 v 5% 2.043 2.053 v 2.048 v 0.25% max @ v dd = 2.5 v 5% and 25c v ref temperature coefficient 6 20 ppm/c v ref long term stability 100 ppm for 1000 hours v ref thermal hysteresis 2 50 ppm v ref noise 60 v rms v ref output impedance 1 ? v ref input capacitance tbd pf when in track
AD7357 preliminary technical data rev. prf | page 4 of 20 parameter min typ max unit test conditions/comments logic inputs input high voltage, v inh 0.6 v drive v input low voltage, v inl 0.3 v drive v input current, i in 1 a v in = 0 v or v drive input capacitance, c in 3 pf logic outputs output high voltage, v oh v drive ?0.2 v output low voltage, v ol 0.2 v floating-state leakage current 1 a floating-state output capacitance 5.5 pf output coding straight binary conversion rate conversion time t 2 + 15 t sclk ns track-and-hold acquisition time 30 ns full-scale step input throughput rate 4.2 msps power requirements v dd 2.25 2.75 v nominal v dd = 2.5 v v drive 2.25 3.6 v i total 3 digital inputs = 0 v or v drive normal mode (operational) 14 20 ma normal mode (static) 6 7.5 ma sclk on or off partial power-down mode 3.5 4.5 ma sclk on or off full power-down mode 5 40 a sclk on or off power dissipation normal mode (operational) 36 59 mw normal mode (static) 16 21 mw sclk on or off partial power-down mode 9.5 11.5 mw sclk on or off full power-down mode 16 110 w sclk on or off 1 temperature ranges are as follows: y grade: ?40c to +125c, b grade: ?40c to +85c. 2 see the terminology section. 3 i total is the total current flowing in v dd and v drive .
preliminary technical data AD7357 rev. prf | page 5 of 20 timing specifications v dd = 2.5 v 10%, v drive = 2.25 v to 3.6 v, internal reference = 2.048 v, t a = t max to t min 1 , unless otherwise noted. table 3. parameter limit at t min , t max unit description f sclk 50 khz min 80 mhz max t convert t 2 + 15 t sclk ns max t sclk = 1/f sclk t quiet 5 ns min minimum time between end of serial read and next falling edge of cs t 2 5 ns min cs to sclk setup time t 3 2 6 ns max delay from cs until sdata a and sdata b are three-state disabled t 4 2 , 3 data access time after sclk falling edge 12.5 ns max 1.8 v v drive < 2.25 v 11 ns max 2.25 v v drive < 2.75 v 9.5 ns max 2.75 v v drive < 3.3 v 9 ns max 3.3 v v drive 3.6 v t 5 5 ns min sclk low pulse width t 6 5 ns min sclk high pulse width t 7 2 3.5 ns min sclk to data valid hold time t 8 9.5 ns max cs rising edge to sdata a , sdata b , high impedance t 9 5 ns min cs rising edge to falling edge pulse width t 10 2 4.5 ns min sclk falling edge to sdata a , sdata b , high impedance 9.5 ns max sclk falling edge to sdata a , sdata b , high impedance latency 1 conversion latency 1 temperature ranges are as follows: y grade: ?40c to +125c, b grade: ?40c to +85c. 2 specified with a load capaci tance of 10 pf on sdata a and sdata b . 3 the time required for the output to cross 0.4 v or 2.4 v.
AD7357 preliminary technical data rev. prf | page 6 of 20 absolute maximum ratings table 4. parameter rating v dd to agnd, dgnd, refgnd ? 0.3 v to +3 v v drive to agnd, dgnd, refgnd ?0.3 v to +5 v v dd to v drive ?5 v to +3 v agnd to dgnd to refgnd ? 0.3 v to +0.3 v analog input voltages 1 to agnd ? 0.3 v to v dd + 0.3 v digital input voltages 2 to dgnd ?0.3 v to v drive + 0.3v digital output voltages 3 to dgnd ? 0.3 v to v drive + 0.3 v input current to any pin except supplies 4 10 ma operating temperature range y grade ? 40c to +125c b grade ? 40c to +85c storage temperature range ? 65c to +150c junction temperature 150c tssop package ja thermal impedance 143c/w jc thermal impedance 45c/w lead temperature, soldering reflow temperature (10 to 30 sec) 255c esd 2 kv 1 analog input voltages are v ina+ , v ina- , v inb+ , v inb- , ref a, and ref b . 2 digital input voltages are cs and sclk. 3 digital output voltages are sdata a and sdata b. 4 transient currents of up to 100 ma do not cause scr latch up. stresses above those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. esd caution
preliminary technical data AD7357 rev. prf | page 7 of 20 pin configuration and fu nction descriptions 1 2 3 4 5 6 7 8 v ina? ref a refgnd v inb? ref b agnd v ina+ v inb+ 16 15 14 13 12 11 10 9 sclk sdata a sdata b cs v dd agnd dgnd v drive AD7357 top view (not to scale) 07757-002 figure 2. table 5. pin function descriptions pin no. mnemonic description 1, 2 v ina- , v ina+ analog inputs of adc a. these analog inputs form a fully differential pair. 3, 6 ref a , ref b reference decoupling capacitor pins. decoupling capacitors are connected between these pins and the refgnd pin to decouple the reference buffer for each respective adc. it is recommended to decouple each reference pin with a 10 f capacitor. provided the output is buffered, the on-chip reference can be taken from these pins and applied externally to the rest of the sy stem. the nominal internal reference voltage is 2.048 v and appears at these pins. these pins can also be overdriven by an external reference. the input voltage range for the external reference is 2.048 v +100 mv to v dd . 4 refgnd reference ground. this is the ground reference point for the reference circuitry on the AD7357. any external reference signal should be referred to this refgnd volt age. decoupling capacitors must be placed between this pin and the ref a and ref b pins. 5, 11 agnd analog ground. this is the ground reference point for a ll analog circuitry on the AD7357. all analog input signals and should be referred to this agnd voltage. the ag nd and dgnd voltages should ideally be at the same potential and must not be more than 0.3 v apart, even on a transient basis. 7, 8 v inb- , v inb+ analog inputs of adc b. these analog inputs form a fully differential pair. 9 v dd power supply input. the v dd range for the AD7357 is 2.5 v 10%. the su pply should be decoupled to agnd with a 0.1 f capacitor and a 10 f tantalum capacitor. 10 cs chip select. active low logic input. this input provides the dual function of initiating conversions on the AD7357 and framing the seri al data transfer. 12 dgnd digital ground. this is the ground reference point for a ll digital circuitry on the AD7357. this pin should connect to the dgnd plane of a system. the dgnd and agnd voltages should ideally be at the same potential and must not be more than 0.3 v apart, even on a transient basis. 13, 14 sdata b , sdata a serial data outputs. the data output is supplied to each pin as a serial data stream. the bits are clocked out on the falling edge of the sclk input. 16 sclk falling edge s are required to access the 14 bits of data from the AD7357. the data simultaneously appears on both data o utput pins from the simultaneous conversions of both adcs. the data stream consists of one leading zero followed by the 14 bits of conversion data followed by a trailing zero. the data is provided msb first. if cs is held low for 18 sclk cycles rather than 16, then two further trailing zeros appear after the 14 bits of data. if cs is held low for a further 18 sclk cycles on either sdata a or sdata b , the data from the other adc follows on the sdat a pin. this allows data from a simultaneous conversion on both adcs to be gather ed in serial format on either sdata a or sdata b . 15 sclk serial clock. logic input. a serial clock input provides the sclk for accessing the data from the AD7357. this clock is also used as the clock source for the conversion process. 16 v drive logic power supply input. the voltage supplied at this pin determines at what voltage the interface operates. this pin should be decoupled to dgnd. the voltage at this pin may be different to that at v dd .
AD7357 preliminary technical data rev. prf | page 8 of 20 typical performance characteristics 0 ?20 ?40 ?60 ?80 ?100 ?120 ?140 0 250 500 750 1000 1250 1500 1750 2000 (db) frequency (khz) 07757-003 figure 3. typical fft 1.0 0.8 0.6 0.4 0.2 0 ?0.2 ?0.4 ?0.6 ?0.8 ?1.0 0 4000 8000 12,000 16,000 dnl error (lsb) code 07757-004 figure 4. typical dnl 1.5 1.0 0.5 0 ?0.5 ?1.0 ?1.5 0 4000 8000 12,000 16,000 inl error (lsb) code 07757-005 figure 5. typical inl figure 6. histogram of codes figure 7. snr vs. analog input frequency figure 8. psrr vs. supply ripple with no supply decoupling
preliminary technical data AD7357 rev. prf | page 9 of 20 figure 9. v ref vs. reference output current drive figure 10. linearity error vs. sclk frequency figure 11. linearity error vs. external v ref figure 12 access time vs. v drive figure 13 hold time vs. v drive
AD7357 preliminary technical data rev. prf | page 10 of 20 terminology integral nonlinearity (inl) inl is the maximum deviation from a straight line passing through the endpoints of the adc transfer function. the endpoints of the transfer function are zero scale (1 lsb below the first code transition) and full scale (1 lsb above the last code transition). differential nonlinearity (dnl) dnl is the difference between the measured and the ideal 1 lsb change between any two adjacent codes in the adc. negative full-scale error negative full-scale error is the deviation of the first code transition (00 000) to (00 001) from the ideal (that is, ?v ref + 0.5 lsb) after the midscale error has been adjusted out. negative full-scale error match negative full-scale error match is the difference in negative full- scale error between the two adcs. midscale error midscale error is the deviation of the midscale code transition (011 111) to (100 000) from the ideal (that is, 0 v). midscale error match midscale error match is the is the difference in midscale error between the two adcs. positive full-scale error positive full-scale error is the deviation of the last code transition (111 110) to (111 111) from the ideal (that is, v ref ? 1.5 lsb) after the midscale error has been adjusted out. positive full-scale error match positive full-scale error match is the difference in positive full- scale error between the two adcs. adc-to-adc isolation adc-to-adc isolation is a measure of the level of crosstalk between adc a and adc b. it is measured by applying a full- scale 1 mhz sine wave signal to one of the two adcs and applying a full-scale signal of variable frequency to the other adc. the adc-to-adc isolation is defined as the ratio of the power of the 1 mhz signal on the converted adc to the power of the noise signal on the other adc that appears in the fft. the noise frequency on the unselected channel varies from 100 khz to 2.5 mhz. power supply rejection ratio (psrr) psrr is defined as the ratio of the power in the adc output at full-scale frequency, f, to the power of a 100 mv p-p sine wave applied to the adc v dd supply of frequency f s . the frequency of the input varies from 5 khz to 25 mhz. psrr (db) = 10 log( pf / pf s ) where: pf is the power at frequency, f, in the adc output. pf s is the power at frequency, f s , in the adc output. common-mode rejection ratio (cmrr) cmrr is defined as the ratio of the power in the adc output at full-scale frequency, f, to the power of a 100 mv p-p sine wave applied to the common-mode voltage of v in+ and v in? of frequency, f s , as cmrr (db) = 10log ( pf/pf s ) where: pf is the power at frequency, f, in the adc output. pf s is the power at frequency, f s , in the adc output. track-and-hold acquisition time the track-and-hold amplifier returns to track mode at the end of a conversion. the track-and-hold acquisition time is the time required for the output of the track-and-hold amplifier to reach its final value, within ? lsb, after the end of conversion. signal-to-(noise + distortion) ratio (sinad) sinad is the measured ratio of signal-to-(noise + distortion) at the output of the adc. the signal is the rms amplitude of the fundamental. noise is the sum of all nonfundamental signals up to half the sampling frequency (f s /2), excluding dc. the ratio is dependent on the number of quantization levels in the digitiza- tion process; the more levels, the smaller the quantization noise. the theoretical sinad for an ideal n-bit converter with a sine wave input is given by sinad = (6.02 n + 1.76) db thus, for a 12-bit converter, sinad is 74 db and for a 14-bit converter, sinad is 86 db. total harmonic distortion (thd) thd is the ratio of the rms sum of harmonics to the fundamental. for the AD7357, it is defined as () 1 65432 v vvvvv thd 22222 log20db ++++ ?= where: v 1 is the rms amplitude of the fundamental. v 2 , v 3 , v 4 , v 5 , and v 6 are the rms amplitudes of the second through the sixth harmonics. peak harmonic or spurious noise peak harmonic or spurious noise is defined as the ratio of the rms value of the next largest component in the adc output spectrum (up to f s /2 and excluding dc) to the rms value of the fundamental. normally, the value of this specification is determined by the largest harmonic in the spectrum, but for adcs where the harmonics are buried in the noise floor, it is a noise peak.
preliminary technical data AD7357 rev. prf | page 11 of 20 intermodulation distortion with inputs consisting of sine waves at two frequencies, fa and fb, any active device with nonlinearities creates distortion products at sum and difference frequencies of mfa nfb where m, n = 0, 1, 2, 3, and so on. intermodulation distortion terms are those for which neither m nor n are equal to zero. for example, the second-order terms include (fa + fb) and (fa ? fb), while the third-order terms include (2fa + fb), (2fa ? fb), (fa + 2fb), and (fa ? 2fb). the AD7357 is tested using the ccif standard where two input frequencies near the top end of the input bandwidth are used. in this case, the second-order terms are usually distanced in frequency from the original sine waves, while the third-order terms are usually at a frequency close to the input frequencies. as a result, the second- and third-order terms are specified separately. the calculation of the intermodulation distortion is as per the thd specification, where it is the ratio of the rms sum of the individual distortion products to the rms amplitude of the sum of the fundamentals expressed in decibels. thermal hysteresis thermal hysteresis is defined as the absolute maximum change of reference output voltage after the device is cycled through temperature from either t_hys+ = 25c to t max to 25c t_hysC = 25c to t min to 25c it is expressed in ppm using the following equation: 6 10 )25( )_()25( )( ? = cv hystvcv ppmv ref ref ref hys where: v ref (25 c ) is v ref at 25c v ref (t_hys) is the maximum change of v ref at t_hys+ or t_hysC.
AD7357 preliminary technical data rev. prf | page 12 of 20 theory of operation circuit information the AD7357 is a high speed, dual, 14-bit, single-supply, successive approximation analog-to-digital converter. the part operates from a 2.5 v power supply and features throughput rates up to 4.2 msps. the AD7357 contains two on-chip differential track-and-hold amplifiers, two successive approximation analog-to-digital converters, and a serial interface with two separate data output pins. the part is housed in a 16-lead tssop package, offering the user considerable space-saving advantages over alternative solutions. the serial clock input accesses data from the part, but also provides the clock source for each successive approximation adc. the AD7357 has an on-chip 2.048 v reference. if an external reference is desired the internal reference can be overdriven with a reference of value ranging from (2.048 v + 100 mv) to v dd . if the internal reference is to be used elsewhere in the system, then the reference output needs to be buffered first. the differential analog input range for the AD7357 is v cm v ref /2. the AD7357 features power-down options to allow power saving between conversions. the power-down feature is implemented via the standard serial interface, as described in the modes of operation section. converter operation the AD7357 has two successive approximation adcs, each based around two capacitive dacs. figure 14 and figure 15 show simplified schematics of one of these adcs in acquisition and conversion phase, respectively. the adc is comprised of control logic, a sar, and two capacitive dacs. in figure 14 (the acquisition phase), sw3 is closed, sw1 and sw2 are in position a, the comparator is held in a balanced condition, and the sampling capacitor arrays may acquire the differential signal on the input. capacitive dac capacitive dac control logic comparator sw3 sw1 a a b b sw2 c s c s v in+ v in? v ref 07757-008 figure 14. adc acquisition phase when the adc starts a conversion (figure 15), sw3 opens and sw1 and sw2 move to position b, causing the comparator to become unbalanced. both inputs are disconnected once the conversion begins. the control logic and charge redistribution dacs are used to add and subtract fixed amounts of charge from the sampling capacitor arrays to bring the comparator back into a balanced condition. when the comparator is rebalanced, the conversion is complete. the control logic generates the adc output code. the output impedances of the sources driving the v in+ and v in? pins must be matched, otherwise the two inputs have different settling times, resulting in errors. capacitive dac capacitive dac control logic comparator sw3 sw1 a a b b sw2 c s c s v in+ v in? v ref 07757-009 figure 15. adc conversion phase analog input structure figure 16 shows the equivalent circuit of the analog input structure of the AD7357. the four diodes provide esd protection for the analog inputs. care must be taken to ensure that the analog input signals never exceed the supply rails by more than 300 mv. this causes these diodes to become forward-biased and start conducting into the substrate. these diodes can conduct up to 10 ma without causing irreversible damage to the part. the c1 capacitors in figure 16 are typically 8 pf and can primarily be attributed to pin capacitance. the r1 resistors are lumped components made up of the on resistance of the switches. the value of these resistors is typically about 30 . the c2 capacitors are the adcs sampling capacitors with a capacitance of 32 pf typically. v dd c1 d d v in+ r1 c2 v dd c1 d d v in? r1 c2 07757-010 figure 16.equivalent analog input circuit, conversion phaseswitches open, track phaseswitches closed for ac applications, removing high frequency components from the analog input signal is recommended by the use of an rc low-pass filter on the analog input pins. in applications where
preliminary technical data AD7357 rev. prf | page 13 of 20 harmonic distortion and signal-to-noise ratio are critical, the analog input should be driven from a low impedance source. large source impedances significantly affect the ac performance of the adc and may necessitate the use of an input buffer amplifier. the choice of the op amp is a function of the particular application. when no amplifier is used to drive the analog input, the source impedance should be limited to low values. the maximum source impedance depends on the amount of thd that can be tolerated. the thd increases as the source impedance increases and performance degrades. figure 17 shows a graph of the thd vs. the analog input signal frequency for various source impedances. figure 17. thd vs. analog input frequency for various source impedances figure 18 shows a graph of the thd vs. the analog input frequency while sampling at 4.2 msps. in this case, the source impedance is 33 . figure 18. thd vs. analog input frequency analog inputs differential signals have some benefits over single-ended signals, including noise immunity based on the devices common-mode rejection and improvements in distortion performance. figure 19 defines the fully differential input of the AD7357. v in+ AD7357* v in? v ref p-p v ref p-p * additional pins omitted for clarity. common- mode voltage 07757-013 figure 19. differential input definition the amplitude of the differential signal is the difference between the signals applied to the v in+ and v in? pins in each differential pair (v in+ ? v in? ). v in+ and v in? should be simultaneously driven by two signals each of amplitude v ref that are 180 out of phase. this amplitude of the differential signal is, therefore Cv ref to +v ref peak-to-peak regardless of the common mode (cm). the common mode is the average of the two signals and is therefore the voltage on which the two inputs are centered. cm = ( v in+ + v in? )/2 this results in the span of each input being cm v ref /2. this voltage has to be set up externally. when setting up the cm, ensure that that v in+ and v in? remain within gnd/v dd . when a conversion takes place, common mo de is rejected resulting in a virtually noise free signal of amplitude Cv ref to +v ref corresponding to the digital codes of 0 to 16383 for the AD7357. driving differential inputs differential operation requires v in+ and v in? to be driven simultaneously with two equal signals that are 180 out of phase. because not all applications have a signal preconditioned for differential operation, there is often a need to perform a single-ended-to-differential conversions. differential amplifier an ideal method of applying differential drive to the AD7357 is to use a differential amplifier such as the ad8138 . this part can be used as a single-ended-to-differential amplifier or as a differential-to-differential amplifier. the ad8138 also provides common-mode level shifting. figure 20 shows how the ad8138 can be used as a single-ended-to-differential amplifier. the positive and negative outputs of the ad8138 are connected to the respective inputs on the adc via a pair of series resistors to minimize the effects of switched capacitance on the front end of the adc. the architecture of the ad8138 results in outputs that are very highly balanced over a wide frequency range without requiring tightly matched external components.
AD7357 preliminary technical data rev. prf | page 14 of 20 if the analog inputs source being used has zero impedance, all four resistors (r g 1, r g 2, r f 1, and r f 2) should be the same. if the source has a 50 ? impedance and a 50 ? termination, for example, the value of r g 2 should be increased by 25 ? to balance this parallel impedance on the input and thus ensure that both the positive and negative analog inputs have the same gain. the outputs of the amplifier are perfectly matched balanced differential outputs of identical amplitude and are exactly 180 out of phase. +2.048v gnd ?2.048v ad8138 r g 1 r s * r s * r g 2 r f 2 v ocm r f 1 2.048v v in+ v in? 1.024v 0v 2.048v 1.024v 0v AD7357 c f 2 c f 1 10k? 10k? 10f ref a /ref b *mount as close to the AD7357 as possible and ensure high precision r s resistors are used. r s ? 33? ; r g 1 = r f 1 = r f 2 = 499 ? ; c f 1 = c f 2 = 39pf; r g 2 = 523 ? . 51? 07757-014 figure 20. using the ad8138 as a single-ended-to-differential amplifier op amp pair an op amp pair can be used to directly couple a differential signal to one of the analog input pairs of the AD7357. the circuit configurations shown in figure 21 and figure 22 show how an op amp pair can be used to convert a single-ended signal into a differential signal for a bipolar and unipolar input signal, respectively. the voltage applied to point a sets up the common-mode voltage. in both diagrams, it is connected in some way to the reference. the ad8022 is a suitable dual op amp that could be used in this configuration to provide differential drive to the AD7357. gnd 2 v ref p-p 27? 27? v+ v? v+ v? v ref 1.024v 2.048v 0v 1.024v 2.048v 0v ref a /ref b v in+ AD7357* v in? 220 ? 10f *additional pins omitted for clarity. 220 ? 220 ? 10k ? a 440 ? 07757-015 figure 21. dual op amp circuit to convert a single-ended unipolar signal into a differential signal gnd 2 v ref p-p 27? 27? v+ v? v+ v? v ref 1.024v 2.048v 0v 1.024v 2.048v 0v ref a /ref b v in+ AD7357* v in? 220 ? 10f *additional pins omitted for clarity. 220 ? 220 ? 10k ? a 440 ? 20k ? 07757-016 figure 22. dual op amp circuit to convert a single-ended bipolar signal into a differential unipolar signal adc transfer function the output coding for the AD7357 is straight binary. the designed code transitions occur at successive lsb values (such as, 1 lsb, 2 lsbs). the lsb size is (2 v ref )/16384. the ideal transfer characteristic of the AD7357 is shown in figure 23. 000 ... 000 000 ... 001 000 ... 010 111 ... 101 111 ... 110 111 ... 111 adc code analog input ?v ref + 0.5 lsb ?v ref + 1 lsb +v ref ? 1.5 lsb +v ref ? 1 lsb 07757-017 figure 23. AD7357 deal transfer characteristic
preliminary technical data AD7357 rev. prf | page 15 of 20 modes of operation the mode of operation of the AD7357 is selected by controlling the logic state of the cs signal during a conversion. there are three possible modes of operation: normal mode, partial power- down mode, and full power-down mode. after a conversion has been initiated, the point at which cs is pulled high determines which power-down mode, if any, the device enters. similarly, if already in a power-down mode, cs can control whether the device returns to normal operation or remains in a power-down mode. these modes of operation are designed to provide flexible power management options. these options can be chosen to optimize the power dissipation/throughput rate ratio for the differing application requirements. normal mode normal mode is intended for applications needing the fastest throughput rates. the user does not have to worry about any power-up times because the AD7357 remains fully powered at all times. figure 24 shows the general diagram of the operation of the AD7357 in this mode. sclk leading zeros + conversion result cs d out a d out b 11 4 10 07757-018 figure 24. normal mode operation the conversion is initiated on the falling edge of cs , as described in the serial interface error! reference source not found. section. to ensure that the part remains fully powered up at all times, cs must remain low until at least 10 sclk falling edges have elapsed after the falling edge of cs . if cs is brought high any time after the 10 th sclk falling edge but before the 16 th sclk falling edge, the part remains powered up, but the conversion is terminated and sdata a and sdata b go back into three-state. 16 serial clock cycles are required to complete the conversion and access the conversion result for the AD7357. the sdata lines do not return to three-state after 16 sclk cycles have elapsed, but instead do so when cs is brought high again. if cs is left low for another 2 sclk cycles, two trailing zeros are clocked out after the data. if cs is left low for a further 16 sclk cycles, the result for the other adc on board is also accessed on the same sdata line as shown in figure 31 (see the serial interface section). once 32 sclk cycles have elapsed, the sdata line returns to three-state on the 32 nd sclk falling edge. if cs is brought high prior to this, the sdata line returns to three-state at that point. thus, cs may idle low after 32 sclk cycles until it is brought high again sometime prior to the next conversion if so desired, because the bus still returns to three-state upon completion of the dual result read. once a data transfer is complete and sdata a and sdata b have returned to three-state, another conversion can be initiated after the quiet time, t quiet , has elapsed by bringing cs low again (assuming the required acquisition time has been allowed). partial power-down mode this mode is intended for use in applications where slower throughput rates are required. either the adc is powered down between each conversion, or a series of conversions may be performed at a high throughput rate and the adc is then powered down for a relatively long duration between these bursts of several conversions. when the AD7357 is in partial power-down, all analog circuitry is powered down except for the on-chip reference and reference buffers. to enter partial power-down mode, the conversion process must be interrupted by bringing cs high anywhere after the second falling edge of sclk and before the 10 th falling edge of sclk, as shown in figure 25. once cs has been brought high in this window of sclks, the part enters partial power-down mode, the conversion that was initiated by the falling edge of cs is terminated, and sdata a and sdata b go back into three- state. if cs is brought high before the second sclk falling edge, the part remains in normal mode and does not power down. this avoids accidental power-down due to glitches on the cs line. sclk three-state cs d out a d out b 11 4 10 2 07757-019 figure 25. entering partial power-down mode to exit this mode of operation and power up the AD7357 again, perform a dummy conversion. on the falling of cs , the device begins to power up, and continues to power up as long as cs is held low until after the falling edge of the 10 th sclk. the device is fully powered up after approximately 200 ns has elapsed (or one full conversion), and valid data results from the next conversion, as shown in figure 26. if cs is brought high before the second falling edge of sclk, the AD7357 again goes into partial power-down mode. this avoids accidental power-up due to glitches on the cs line. although the device may begin to power up on the falling edge of cs , it powers down again on the rising edge of cs . if the AD7357 is already in partial power- down mode and cs is brought high between the second and 10 th falling edges of sclk, the device enters full power-down mode.
AD7357 preliminary technical data rev. prf | page 16 of 20 full power-down mode this mode is intended for use in applications where throughput rates slower than those in the partial power-down mode are required, as power-up from a full power-down takes substantially longer than that from a partial power-down. this mode is more suited to applications where a series of conversions performed at a relatively high throughput rate are followed by a long period of inactivity and thus, power-down. when the AD7357 is in full power-down, all analog circuitry is powered down. full power-down is entered in a similar way as partial power-down, except that the timing sequence shown in figure 25 must be executed twice. the conversion process must be interrupted in a similar fashion by bringing cs high anywhere after the second falling edge of sclk and before the 10 th falling edge of sclk. the device enters partial power-down mode at this point. to reach full power-down, the next conversion cycle must be interrupted in the same way, as shown in figure 27. once cs has been brought high in this window of sclks, the part completely powers down. note that it is not necessary to complete the 16 sclks once cs has been brought high to enter a power-down mode. to exit full power-down mode and power-up the AD7357, perform a dummy conversion, such as powering up from partial power-down. on the falling edge of cs , the device begins to power up, as long as cs is held low until after the falling edge of the 10 th sclk. the required power-up time must elapse before a conversion can be initiated, as shown in figure 28. sclk cs d out a d out b invalid data valid data 11 0 1 4 1 4 1 the part begins to power up. the p a rt is fully powered up; see power-up times section. t power-up1 07757-020 figure 26. exiting partial power-down mode three-state 11 0 1 4 2 sclk cs d out a d out b three-state 11 0 1 4 2 invalid data invalid data the p a rt begins to power up. the part enters partial power down. the p a rt enters full power down. 0 7757-021 figure 27. entering full power-down mode sclk d out a d out b invalid data valid data 1 10 14 14 1 the part begins to power up. the p a rt is fully powered up, see power-up times section. t power-up2 cs 0 7757-022 figure 28. exiting full power-down mode
preliminary technical data AD7357 rev. prf | page 17 of 20 power-up times the AD7357 has two power-down modes: partial power-down and full power-down. there are described in detail in the partial power-down mode and full power-down mode sections. this section deals with the power-up time required when coming out of either of these modes. it should be noted that the power-up times apply with the recommended decoupling capacitors in place on the ref a and ref b pins. to power up from partial power-down mode, one dummy cycle is required. the device is fully powered up after approximately 200 ns from the falling edge of cs has elapsed. once the partial power-up time has elapsed, the adc is fully powered up and the input signal is acquired properly. the quiet time, t quiet , must still be allowed from the point where the bus goes back into three-state after the dummy conversion to the next falling edge of cs . to power up from full power-down, approximately 6 ms should be allowed from the falling edge of cs , shown in figure 28 as t power-up2 . note that during power-up from partial power-down mode, the track-and-hold, which is in hold mode while the part is powered down, returns to track mode after the first sclk edge that the part receives after the falling edge of cs . when power supplies are first applied to the AD7357, the adc can power up in either of the power-down modes or in normal mode. because of this, it is best to allow a dummy cycle to elapse to ensure that the part is fully powered up before attempting a valid conversion. likewise, if the part is to be kept in partial power-down mode immediately after the supplies are applied, then two dummy cycles must be initiated. the first dummy cycle must hold cs low until after the 10 th sclk falling edge; in the second cycle, cs must be brought high between the second and 10 th sclk falling edges (see figure 25). alternatively, if the part is to be placed into full power-down mode when the supplies are applied, three dummy cycles must be initiated. the first dummy cycle must hold cs low until after the 10 th sclk falling edge; the second and third dummy cycles place the part into full power-down mode (see figure 27 and the full power-down mode section). power vs. throughput rate the power consumption of the AD7357 varies with the throughput rate. when using very slow throughput rates and as fast an sclk frequency as possible, the various power- down options can be used to make significant power savings. however, the AD7357 quiescent current is low enough that even without using the power-down options, there is a noticeable variation in power consumption with sampling rate. this is true whether a fixed sclk value is used or if it is scaled with the sampling rate. figure 29 shows a plot of power vs. throughput rate when operating in normal mode for a fixed maximum sclk frequency and an sclk frequency that scales with the sampling rate. the internal reference was used for figure 29. figure 29. power vs. throughput rate
AD7357 preliminary technical data rev. prf | page 18 of 20 serial interface figure 30 shows the detailed timing diagram for serial interfacing to the AD7357. the serial clock provides the conversion clock and controls the transfer of information from the AD7357 during conversion. the cs signal initiates the data transfer and conversion process. the falling edge of cs puts the track and hold into hold mode at which point the analog input is sampled and the bus is taken out of three-state. the conversion is also initiated at this point and requires a minimum of 16 sclks to complete. once 15 sclk falling edges have elapsed, the track and hold goes back into track on the next sclk rising edge, as shown in figure 30 at point b. on the rising edge of cs , the conversion will be terminated and sdata a and sdata b go back into three-state. if cs is not brought high, but is instead held low for a further 16 sclk cycles on sdata a , the data from the conversion on adcb are output on sdata a . likewise, if cs is held low for a further 16 sclk cycles on sdata a , the data from the conversion on adc a is output on sdata b (see figure 31). in this case, the sdata line in use goes back into three-state on the 32 nd sclk falling edge or the rising edge of cs , whichever occurs first. a minimum of 16 serial clock cycles are required to perform the conversion process and to access data from one conversion on either data line of the AD7357. cs going low provides the leading zero to be read in by the microcontroller or dsp. the remaining data is then clocked out by subsequent sclk falling edges, beginning with a second leading zero. thus, the first falling clock edge on the serial clock has the leading zero provided and also clocks out the second leading zero. the 14-bit result then follows with the final bit in the data transfer valid on the 16 th falling edge, having being clocked out on the previous (15 th ) falling edge. in applications with a slower sclk, it may be possible to read in data on each sclk rising edge depending on the sclk frequency. the first rising edge of sclk after the cs falling edge would have the second leading zero provided, and the 15 th rising sclk edge would have db0 provided. cs sclk 1 5 15 16 d out a d out b 2 leading zeros three- state t 4 2 34 t 5 t 3 t quiet t 2 three-state db13 db12 db2 db0 0 t 6 t 7 t 8 00 db1 db11 db10 t 9 t acquisition t convert b 07757-024 figure 30. serial interface timing diagram cs sclk 1 5 16 d out a three- state t 4 2 34 17 t 5 t 3 t 2 three- state t 6 t 7 15 00 0 db12 b db1 b db0 b 0 18 32 31 db13 a 2 leading zeros db12 a db11 a db0 a db13 b 0 2 zeros 07757-025 figure 31. reading data from both adcs on one sdata line with 32 sclks
preliminary technical data AD7357 rev. prf | page 19 of 20 application hints grounding and layout the analog and digital supplies to the AD7357 are independent and separately pinned out to minimize coupling between the analog and digital sections of the device. the printed circuit board (pcb) that houses the AD7357 should be designed so that the analog and digital sections are separated and confined to certain areas of the board. this design facilitates the use of ground planes that can be easily separated. to provide optimum shielding for ground planes, a minimum etch technique is generally best. the two agnd pins of the AD7357 should be sunk in the agnd plane. digital and analog ground plans should be joined in only one place. if the AD7357 is in a system where multiple devices require an agnd and dgnd connection, the connection should still be made at one point only. a star ground point that should be established as close as possible to the ground pins on the AD7357. avoid running digital lines under the device because this couples noise onto the die. the analog ground planes should be allowed to run under the AD7357 to avoid noise coupling. the power supply lines to the AD7357 should use as large a trace as possible to provide low impedance paths and reduce the effects of glitches on the power supply line. to avoid radiating noise to other sections of the board, fast switching signals such as clocks, should be shielded with digital ground, and clock signals should never run near the analog inputs. avoid crossover of digital and analog signals. to reduce the effects of feedthrough within the board, traces on opposite sides of the board should run at right angles to each other. a microstrip technique is the best method, but is not always possible with a double-sided board. in this technique, the component side of the board is dedicated to ground planes, while signals are placed on the solder side. good decoupling is important; all supplies should be decoupled with 10 f tantalum capacitors in parallel with 0.1 f capacitors to gnd. to achieve the best results from these decoupling components, they must be placed as close as possible to the device, ideally right up against the device. the 0.1 f capacitor should have low effective series resistance (esr) and effective series inductance (esi), such as the common ceramic types or surface-mount types. these low esr and esi capacitors provide a low impedance path to ground at high frequencies to handle transient currents due to logic switching. evaluating the AD7357 performance the recommended layout for the AD7357 is outlined in the evaluation board documentation. the evaluation board package includes a fully assembled and tested evaluation board, docu- mentation, and software for controlling the board from the pc via the converter evaluation and development board (ced). the ced can be used in conjunction with the AD7357 evaluation board (as well as many other evaluation boards ending in the ed designator from analog devices, inc.) to demonstrate/evaluate the ac and dc performance of the AD7357. the software allows the user to perform ac (fast fourier transform) and dc (linearity) tests on the AD7357. the software and docu- mentation are on a cd shipped with the evaluation board.
AD7357 preliminary technical data rev. prf | page 20 of 20 outline dimensions 16 9 8 1 pin 1 seating plane 8 0 4.50 4.40 4.30 6.40 bsc 5.10 5.00 4.90 0.65 bsc 0.15 0.05 1.20 max 0.20 0.09 0.75 0.60 0.45 0.30 0.19 coplanarity 0.10 compliant to jedec standards mo-153-ab figure 32. 16-lead thin shrink small outline package [tssop] (ru-16) dimensions shown in millimeters ordering guide model temperature range package description package option AD7357bruz 1 ?40c to +85c 16-lead tssop ru-16 AD7357bruz-500rl7 1 ?40c to +85c 16-lead tssop ru-16 AD7357bruz-rl 1 ?40c to +85c 16-lead tssop ru-16 AD7357yruz 1 ?40c to +125c 16-lead tssop ru-16 AD7357yruz-500rl7 1 ?40c to +125c 16-lead tssop ru-16 AD7357yruz-rl 1 ?40c to +125c 16-lead tssop ru-16 1 z = rohs compliant part. ?2008 analog devices, inc. all rights reserved. trademarks and registered trademarks are the property of their respective owners. pr 07757-0-11/08(prf)


▲Up To Search▲   

 
Price & Availability of AD7357

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X